| データシートサーチシステム |
|
CAP1203 データシート(PDF) 57 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
CAP1203 データシート(HTML) 57 Page - Microchip Technology |
|
57 / 59 page ![]() 2013-2015 Microchip Technology Inc. DS00001572B-page 57 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: CAP1203 Tape and Reel Option TR Tape and Reel Package:(2) AC3 8-pin TDFN SN 8-pin SOIC Examples: a) CAP1203-1-AC3-TR 0b0101_000[r/w] Address 8-pin TDFN package b) CAP1203-2-SN-TR 0b0101_001[r/w] Address 8-pin SOIC package Note 1: Tape and Reel identifier only appears in the catalog part number description. This iden- tifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for pack- age availability with the Tape and Reel option. 2: For other small form-factor package avail- ability and marking information, please visit www.microchip.com/packaging or contact your local sales office. PART NO. [X] XX Package Address Option Device [XX] Tape and Reel Option - - |