| データシートサーチシステム |
|
LP2995M/NOPB データシート(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP2995M/NOPB データシート(HTML) 3 Page - Texas Instruments |
|
3 / 24 page ![]() LP2995 www.ti.com SNVS190M – FEBRUARY 2002 – REVISED MARCH 2013 These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Absolute Maximum Ratings (1) (2) AVIN to GND −0.3V to +6V PVIN to GND -0.3V to AVIN VDDQ (3) −0.3V to +6V Storage Temp. Range −65°C to +150°C Junction Temperature 150°C SO PowerPAD-8 Thermal Resistance ( θJA) 43°C/W SOIC-8 Thermal Resistance ( θJA) 151°C/W WQFN-16 Thermal Resistance ( θJA) 51°C/W Lead Temperature (Soldering, 10 sec) 260°C ESD Rating (4) 1kV (1) Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating range indicates conditions for which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and test conditions see Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions. (2) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and specifications. (3) VDDQ voltage must be less than 2 x (AVIN - 1) or 6V, whichever is smaller. (4) The human body model is a 100pF capacitor discharged through a 1.5k Ω resistor into each pin. Operating Range Junction Temp. Range (1) 0°C to +125°C AVIN to GND 2.2V to 5.5V PVIN to GND 2.2V to AVIN (1) At elevated temperatures, devices must be derated based on thermal resistance. The device in the SOIC-8 package must be derated at θJA = 151° C/W junction to ambient with no heat sink. The device in the WQFN-16 must be derated at θJA = 51° C/W junction to ambient. Electrical Characteristics Specifications with standard typeface are for TJ = 25°C and limits in boldface type apply over the full Operating Temperature Range (TJ = 0°C to +125°C). Unless otherwise specified, AVIN = PVIN = 2.5V, VDDQ = 2.5V (1). Symbol Parameter Conditions Min Typ Max Units VREF VREF Voltage IREF_OUT = 0mA 1.21 1.235 1.26 V VOSVTT VTT Output Voltage Offset IOUT = 0A −15 0 15 mV (2) −20 20 ΔVTT/VTT Load Regulation IOUT = 0 to 1.5A 0.5 % (3) IOUT = 0 to −1.5A −0.5 ZVREF VREF Output Impedance IREF = −5µA to +5µA 5 k Ω ZVDDQ VDDQ Input Impedance 100 k Ω Iq Quiescent Current IOUT = 0A 250 400 µA (4) (1) Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation using Statistical Quality Control (SQC) methods. The limits are used to calculate TI's Average Outgoing Quality Level (AOQL). (2) VTT offset is the voltage measurement defined as VTT subtracted from VREF. (3) Load regulation is tested by using a 10ms current pulse and measuring VTT. (4) Quiescent current defined as the current flow into AVIN. Copyright © 2002–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LP2995 |