| データシートサーチシステム |
|
LP3906SQ-VPFP/NOPB データシート(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP3906SQ-VPFP/NOPB データシート(HTML) 4 Page - Texas Instruments |
|
4 / 47 page ![]() 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 LP3906 SNVS456M – AUGUST 2006 – REVISED MAY 2013 www.ti.com Connection Diagram Figure 3. 24-Lead WQFN Package (Top View) See Package Number NHZ0024B Table 1. Default Voltage Options(1)(2) Part Number Package Buck1 Buck2 LDO1 LDO2 Marking LP3906SQ-DJXI/NOPB 06-DJXI 0.9V 1.8V 3.3V 1.8V LP3906SQ-FXPI/NOPB 06-FXPI 1.0V 3.3V 2.5V 1.8V LP3906SQ-JXXI/NOPB 06-JXXI 1.2V 3.3V 3.3V 1.8V LP3906SQ-PPXP/NOPB 06-PPXP 1.5V 2.5V 3.3V 2.5V LP3906SQ-TKXII/NOPB(3) 06-TKXII(3) 1.25V 3.3V 1.8V 1.8V LP3906SQ-VPFP/NOPB 06-VPFP 1.8V 2.5V 1.5V 2.5V LP3906SQE-PPXP/NOPB 06-PPXP 1.5V 2.5V 3.3V 2.5V LP3906SQE-VPFP/NOPB 06-VPFP 1.8V 2.5V 1.5V 2.5V LP3906SQX-DJXI/NOPB 06-DJXI 0.9V 1.8V 3.3V 1.8V LP3906SQX-FXPI/NOPB 06-FXPI 1.0V 3.3V 2.5V 1.8V LP3906SQX-JXXI/NOPB 06-JXXI 1.2V 3.3V 3.3V 1.8V LP3906SQX-PPXP/NOPB 06-PPXP 1.5V 2.5V 3.3V 2.5V LP3906SQX-TKXII/NOPB(3) 06-TKXII(3) 1.25V 3.3V 1.8V 1.8V LP3906SQX-VPFP/NOPB 06-VPFP 1.8V 2.5V 1.5V 2.5V (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. (3) Option only available with default EN_T of 001; all other options use 010. 4 Submit Documentation Feedback Copyright © 2006–2013, Texas Instruments Incorporated Product Folder Links: LP3906 |