| データシートサーチシステム |
|
LP3907TL-JSXS/NOPB データシート(PDF) 50 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP3907TL-JSXS/NOPB データシート(HTML) 50 Page - Texas Instruments |
|
50 / 58 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 12-Apr-2016 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP3907QSQ-JJXP/NOPB ACTIVE WQFN RTW 24 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 07QJJXP LP3907QSQ-JXI7/NOPB ACTIVE WQFN RTW 24 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 07QJXI7 LP3907QSQ-JXIP/NOPB ACTIVE WQFN RTW 24 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 07QJXIP LP3907QSQX-JJXP/NOPB ACTIVE WQFN RTW 24 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 07QJJXP LP3907QSQX-JXI7/NOPB ACTIVE WQFN RTW 24 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 07QJXI7 LP3907QSQX-JXIP/NOPB ACTIVE WQFN RTW 24 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 07QJXIP LP3907QTL-VXSS/NOPB ACTIVE DSBGA YZR 25 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 V025 LP3907QTLX-VXSS/NOPB ACTIVE DSBGA YZR 25 3000 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 V025 LP3907SQ-BJX6X/NOPB ACTIVE WQFN RTW 24 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 07BJX6X LP3907SQ-BJXQX/NOPB ACTIVE WQFN RTW 24 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 07BJXQX LP3907SQ-JXQX/NOPB ACTIVE WQFN RTW 24 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 07-JXQX LP3907SQ-PFX6W/NOPB ACTIVE WQFN RTW 24 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 7PFX6W LP3907SQ-PJXIX/NOPB ACTIVE WQFN RTW 24 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 07PJXIX LP3907SQ-TJXIP/NOPB ACTIVE WQFN RTW 24 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 07TJXIP LP3907SQ-VRZX/NOPB ACTIVE WQFN RTW 24 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 07-VRZX LP3907SQX-VRZX/NOPB ACTIVE WQFN RTW 24 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 07-VRZX LP3907TL-JJ11/NOPB ACTIVE DSBGA YZR 25 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 85 V013 |