| データシートサーチシステム |
|
CS8414 データシート(PDF) 16 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CS8414 データシート(HTML) 16 Page - List of Unclassifed Manufacturers |
|
16 / 38 page ![]() CS8413 CS8414 16 DS240F1 Buffer Mode 0 The user data buffer previously described is identi- cal for all modes. Buffer mode 0 allocates the rest of the buffer to channel status data. This mode stores an entire block of channel status in 24 mem- ory locations from address 08H to 1FH. Channel status (CS) data is different from user data in that channel status data is independent for each channel. A block of CS data is defined as one bit per frame, not one bit per sub-frame; therefore, there are two blocks of channel status. The CS2/CS1 bit in CR1 selects which channel is stored in the buffer. In a typical system sending stereo data, the channel sta- tus data for each channel would be identical. Flag 0 Flag 1 Mode 0 Flag 1 Modes 1 & 2 Flag 2 B 0 A 0 B 1 A 1 B 2 A 2 B 7 A 7 Aux Data 03 4 7 LSB 8 Audio Data Preamble 28 29 30 31 VU CP MSB 27 (384 Audio Samples) 23 0123 4567 8 9 101112 13 14 15 16 17 18 19 20 21 22 23 01 Channel Status Byte (Expanded) (Expanded) bit Frame Sub-frame Block Validity User Data Channel Status Data Parity Bit Figure 11. CS8413 Status Register Flag Timing |