データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DN2530 データシート(PDF) 11 Page - Microchip Technology

部品番号 DN2530
部品情報  N-Channel, Depletion-Mode, Vertical DMOS FET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DN2530 データシート(HTML) 11 Page - Microchip Technology

Back Button DN2530 Datasheet HTML 5Page - Microchip Technology DN2530 Datasheet HTML 6Page - Microchip Technology DN2530 Datasheet HTML 7Page - Microchip Technology DN2530 Datasheet HTML 8Page - Microchip Technology DN2530 Datasheet HTML 9Page - Microchip Technology DN2530 Datasheet HTML 10Page - Microchip Technology DN2530 Datasheet HTML 11Page - Microchip Technology DN2530 Datasheet HTML 12Page - Microchip Technology DN2530 Datasheet HTML 13Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
 2016 Microchip Technology Inc.
DS20005451A-page 11
DN2530
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
DN2530 = N-Channel, Depletion-Mode,
Vertical DMOS FET
Package:
N3
= TO-92, 3-lead
N8
= TO-243AA (SOT-89), 3-lead
Environmental
G
= Lead (Pb)-free/ROHS-compliant package
Media Type:
(blank) = 1000/Reel for N3 packages
= 2000/Reel for N8 packages
Examples:
a)
DN2530N3-G
TO-92 package,
1000/reel
b)
DN2530N8-G
TO-243AA package,
2000/reel
PART NO.
X
Device
X
Environmental
XX
Package
Options
Media
-
-
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13