| データシートサーチシステム |
|
TLC32044MFKB データシート(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC32044MFKB データシート(HTML) 28 Page - Texas Instruments |
|
28 / 39 page ![]() TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I VOICE-BAND ANALOG INTERFACE CIRCUITS SLAS017F − MARCH 1988 − REVISED MAY 1995 28 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Table 3. Gain Control Table (Analog Input Signal Required for Full-Scale A/D Conversion) INPUT CONFIGURATIONS CONTROL REGISTER BITS ANALOG INPUT‡ A/D CONVERSION INPUT CONFIGURATIONS d6 d7 ANALOG INPUT‡ CONVERSION RESULT Differential configuration 1 1 ±6 V Full - scale Differential configuration Analog input = IN + − IN − 0 0 ±6 V Full - scale Analog input = IN + − IN − = AUX IN + − AUX IN − 1 0 ±3 V Full - scale = AUX IN + − AUX IN − 0 1 ±1.5 V Full - scale Single-ended configuration 1 1 ±3 V Half - scale Single-ended configuration Analog input = IN + − ANLG GND 0 0 ±3 V Half - scale Analog input = IN + − ANLG GND = AUX IN + − ANLG GND 1 0 ±3 V Full - s ale = AUX IN + − ANLG GND 0 1 ±1.5 V Full - scale ‡ In this example, Vref is assumed to be 3 V. In order to minimize distortion, it is recommended that the analog input not exceed 0.1 dB below full scale. Figure 7. IN + and IN − Gain Control Circuitry − + + − Rfb Rfb R R IN + IN − To Multiplexer Rfb = R for d6 = 1, d7 = 1 d6 = 0, d7 = 0 Rfb = 2R for d6 = 1, d7 = 0 Rfb = 4R for d6 = 0, d7 = 1 Figure 8. AUX IN + and AUX IN − Gain Control Circuitry − + + − Rfb Rfb R R AUX IN + AUX IN − Rfb = R for d6 = 1, d7 = 1 d6 = 0, d7 = 0 Rfb = 2R for d6 = 1, d7 = 0 Rfb = 4R for d6 = 0, d7 = 1 To Multiplexer (sin x) / x correction The AIC does not have (sin x)/x correction circuitry after the digital-to-analog converter. (Sin x)/x correction can be accomplished easily and efficiently in digital signal processor (DSP) software. Excellent correction accuracy can be achieved to a band edge of 3000 Hz by using a first-order digital correction filter. The results, which are shown in Table 4, are typical of the numerical correction accuracy that can be achieved for sample rates of interest. The filter requires only seven instruction cycles per sample on the TMS(SMJ)320 DSPs. With a 200-ns instruction cycle, nine instructions per sample represents an overhead factor of 1.4% and 1.7% for sampling rates of 8000 Hz and 9600 Hz, respectively. This correction adds a slight amount of group delay at the upper edge of the 300 −3000-Hz band. |