| データシートサーチシステム |
|
LP3954TLX/NOPB データシート(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP3954TLX/NOPB データシート(HTML) 2 Page - Texas Instruments |
|
2 / 60 page ![]() MCU WLED1 WLED2 WLED3 WLED4 WLED5 WLED6 R1 G1 B1 R2 G2 B2 EN_FLASH FLASH IRGB IRT ASE AUDIO INPUT LP3954 IFLASH CAMERA SW BATTERY FB VDDA VREF D1 VDD2 VDD1 GNDs SCK/SCL SI SS/SDA SO SYNC/PWM IF_SEL VDDIO FLASH Up to 300 mA RGB1 Up to 40 mA/LED SUB BACKLIGHT 0...25 mA/LED MAIN BACKLIGHT 0...25 mA/LED RGB2 Up to 40 mA/LED or or or LIGHT SENSOR TEMP SENSOR RRT RRGB RFLASH COUT 10 P F IMAX = 300...400 mA VOUT = 4...5.3V CVDD 100 nF L1 4.7 P H CIN 10 P F CVDDA 1 é F CREF 100 nF CVDDIO 100 nF LP3954 SNVS340D – JUNE 2005 – REVISED MARCH 2013 www.ti.com Typical Application 2 Submit Documentation Feedback Copyright © 2005–2013, Texas Instruments Incorporated Product Folder Links: LP3954 |