データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP5523TMX/NOPB データシート(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
部品番号 LP5523TMX/NOPB
部品情報  LP5523 Programmable 9-Output LED Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LP5523TMX/NOPB データシート(HTML) 43 Page - Texas Instruments

Back Button LP5523TMX/NOPB Datasheet HTML 39Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 40Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 41Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 42Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 43Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 44Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 45Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 46Page - Texas Instruments LP5523TMX/NOPB Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
LP5523
www.ti.com
SNVS550D – SEPTEMBER 2009 – REVISED MAY 2013
Name
Value (d)
Description
Wait for trigger from the engine(s). Several triggers can be defined in the same instruction. Bit
wait for trigger
0 - 31
[7] engages engine 1, bit [8] engine 2, bit [9] engine 3 and bit [12] is for external trigger I/O.
Bits [10] and [11] are not in use.
Send a trigger to the engine(s). Several triggers can be defined in the same instruction. Bit [1]
send a trigger
0 - 31
engages engine 1, bit [2] engine 2, bit [3] engine 3 and bit [6] is for external trigger I/O. Bits [4]
and [5] are not in use.
The LP5523 instruction set includes the following conditional jump instructions: jne (jump if not equal); jge (jump
if greater or equal); jl (jump if less); je (jump if equal). If the condition is true, a certain number of instructions will
be skipped (i.e., the program jumps forward to a location relative to the present location). If condition is false, the
next instruction will be executed.
Name
Value (d)
Description
number of instructions to be
The number of instructions to be skipped when the statement is true. Note: value 0
skipped if the operation returns
0 - 31
means redundant code.
true.
Defines the variable to be used in the test:
0 = local variable A
variable 1
0 - 3
1 = local variable B
2 = global variable C
3 = register address 3CH variable, or register address 42H value.
Defines the variable to be used in the test:
0 = local variable A
variable 2
0 - 3
1 = local variable B
2 = global variable C
3 = register address 3CH variable, or register address 42H value.
Arithmetic Instructions
LD
This instruction is used to assign a value into a variable; the previous value in that variable is overwritten. Each
of the engines have two local variables, called A and B. The variable C is a global variable.
Name
Value (d)
Description
0 = variable A
target variable
0 - 2
1 = variable B
2 = variable C
8-bit value
0 - 255
Variable value
ADD
Operator either adds 8-bit value to the current value of the target variable, or adds the value of the variable 1 (A,
B, C or D) to the value of the variable 2 (A, B, C or D) and stores the result in the register of variable A, B or C.
Variables overflow from 255 to 0.
Name
Value (d)
Description
8-bit value(1)
0 - 255
The value to be added.
0 = variable A
target variable
0 - 2
1 = variable B
2 = variable C
(1)
Valid for numerical operands.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: LP5523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com