| データシートサーチシステム |
|
LP5900SD-2.7/NOPB データシート(PDF) 24 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP5900SD-2.7/NOPB データシート(HTML) 24 Page - Texas Instruments |
|
24 / 30 page ![]() Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant LP5900SDX-3.3/NOPB WSON NGF 6 4500 330.0 12.4 2.8 2.5 1.0 8.0 12.0 Q1 LP5900TL-1.5/NOPB DSBGA YZR 4 250 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TL-1.575/NOPB DSBGA YZR 4 250 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TL-1.8/NOPB DSBGA YZR 4 250 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TL-1.9/NOPB DSBGA YZR 4 250 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TL-2.0/NOPB DSBGA YZR 4 250 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TL-2.2/NOPB DSBGA YZR 4 250 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TL-2.3/NOPB DSBGA YZR 4 250 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TL-2.5/NOPB DSBGA YZR 4 250 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TL-2.6/NOPB DSBGA YZR 4 250 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TL-2.65/NOPB DSBGA YZR 4 250 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TL-2.7/NOPB DSBGA YZR 4 250 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TL-2.75/NOPB DSBGA YZR 4 250 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TL-2.8/NOPB DSBGA YZR 4 250 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TL-2.85/NOPB DSBGA YZR 4 250 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TL-3.0/NOPB DSBGA YZR 4 250 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TL-3.3/NOPB DSBGA YZR 4 250 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TL-4.5/NOPB DSBGA YZR 4 250 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TLX-1.5/NOPB DSBGA YZR 4 3000 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TLX-1.8/NOPB DSBGA YZR 4 3000 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TLX-1.9/NOPB DSBGA YZR 4 3000 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TLX-2.0/NOPB DSBGA YZR 4 3000 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TLX-2.1/NOPB DSBGA YZR 4 3000 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TLX-2.2/NOPB DSBGA YZR 4 3000 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TLX-2.3/NOPB DSBGA YZR 4 3000 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TLX-2.5/NOPB DSBGA YZR 4 3000 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TLX-2.6/NOPB DSBGA YZR 4 3000 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TLX-2.65/NOPB DSBGA YZR 4 3000 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TLX-2.7/NOPB DSBGA YZR 4 3000 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TLX-2.75/NOPB DSBGA YZR 4 3000 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TLX-2.8/NOPB DSBGA YZR 4 3000 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TLX-2.85/NOPB DSBGA YZR 4 3000 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TLX-3.0/NOPB DSBGA YZR 4 3000 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TLX-3.3/NOPB DSBGA YZR 4 3000 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900TLX-4.5/NOPB DSBGA YZR 4 3000 178.0 8.4 1.15 1.16 0.79 4.0 8.0 Q1 LP5900XR-1.8/NOPB DSBGA YPF 4 250 178.0 8.4 1.16 1.2 0.4 4.0 8.0 Q1 LP5900XR-2.8/NOPB DSBGA YPF 4 250 178.0 8.4 1.16 1.2 0.4 4.0 8.0 Q1 LP5900XRX-1.8/NOPB DSBGA YPF 4 3000 178.0 8.4 1.16 1.2 0.4 4.0 8.0 Q1 LP5900XRX-2.8/NOPB DSBGA YPF 4 3000 178.0 8.4 1.16 1.2 0.4 4.0 8.0 Q1 PACKAGE MATERIALS INFORMATION www.ti.com 10-Aug-2016 Pack Materials-Page 2 |