データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT1009IPWR データシート(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
部品番号 LT1009IPWR
部品情報  2.5-V INTEGRATED REFERENCE CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LT1009IPWR データシート(HTML) 17 Page - Texas Instruments

Back Button LT1009IPWR Datasheet HTML 13Page - Texas Instruments LT1009IPWR Datasheet HTML 14Page - Texas Instruments LT1009IPWR Datasheet HTML 15Page - Texas Instruments LT1009IPWR Datasheet HTML 16Page - Texas Instruments LT1009IPWR Datasheet HTML 17Page - Texas Instruments LT1009IPWR Datasheet HTML 18Page - Texas Instruments LT1009IPWR Datasheet HTML 19Page - Texas Instruments LT1009IPWR Datasheet HTML 20Page - Texas Instruments LT1009IPWR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(5.8)
6X (0.65)
8X (0.45)
8X (1.5)
(R
) TYP
0.05
4221848/A 02/2015
TSSOP - 1.2 mm max height
PW0008A
SMALL OUTLINE PACKAGE
NOTES: (continued)
8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
9. Board assembly site may have different recommendations for stencil design.
SYMM
SYMM
1
4
5
8
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE:10X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22