データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE2144AM データシート(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLE2144AM
部品情報  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2144AM データシート(HTML) 63 Page - Texas Instruments

Back Button TLE2144AM Datasheet HTML 59Page - Texas Instruments TLE2144AM Datasheet HTML 60Page - Texas Instruments TLE2144AM Datasheet HTML 61Page - Texas Instruments TLE2144AM Datasheet HTML 62Page - Texas Instruments TLE2144AM Datasheet HTML 63Page - Texas Instruments TLE2144AM Datasheet HTML 64Page - Texas Instruments TLE2144AM Datasheet HTML 65Page - Texas Instruments TLE2144AM Datasheet HTML 66Page - Texas Instruments TLE2144AM Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 77 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
8-Nov-2014
Addendum-Page 7
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF TLE2141, TLE2141A, TLE2142, TLE2142A, TLE2142AM, TLE2142M, TLE2144, TLE2144A, TLE2144AM, TLE2144M :
• Catalog: TLE2142A, TLE2142, TLE2144A, TLE2144
• Automotive: TLE2141-Q1, TLE2142-Q1, TLE2142-Q1
• Enhanced Product: TLE2141-EP, TLE2144-EP, TLE2144-EP
• Military: TLE2141M, TLE2141AM, TLE2142M, TLE2142AM, TLE2144M, TLE2144AM
NOTE: Qualified Version Definitions:
• Catalog - TI's standard catalog product
• Automotive - Q100 devices qualified for high-reliability automotive applications targeting zero defects
• Enhanced Product - Supports Defense, Aerospace and Medical Applications
• Military - QML certified for Military and Defense Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77