データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VTL5C3/2 データシート(PDF) 13 Page - PerkinElmer Optoelectronics

部品番号 VTL5C3/2
部品情報  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PERKINELMER [PerkinElmer Optoelectronics]
ホームページ  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VTL5C3/2 データシート(HTML) 13 Page - PerkinElmer Optoelectronics

Back Button VTL5C3/2 Datasheet HTML 9Page - PerkinElmer Optoelectronics VTL5C3/2 Datasheet HTML 10Page - PerkinElmer Optoelectronics VTL5C3/2 Datasheet HTML 11Page - PerkinElmer Optoelectronics VTL5C3/2 Datasheet HTML 12Page - PerkinElmer Optoelectronics VTL5C3/2 Datasheet HTML 13Page - PerkinElmer Optoelectronics VTL5C3/2 Datasheet HTML 14Page - PerkinElmer Optoelectronics VTL5C3/2 Datasheet HTML 15Page - PerkinElmer Optoelectronics VTL5C3/2 Datasheet HTML 16Page - PerkinElmer Optoelectronics VTL5C3/2 Datasheet HTML 17Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
8
Selecting a Photocell
Many low voltage situations involve very little power, so that the
photocell can be small in size, where voltages and/or currents are
higher, the photocell must be physically larger so that the
semiconductor film can dissipate the heat.
The following curve of power dissipation versus ambient temperature
describes the entire series of cells for operation in free air at room
ambient (25°C). Note that regardless the size, all photocells derate
linearly to zero at an ambient temperature of 75°C. The adequate heat
sinks can increase the dissipation by as much as four times the levels
shown in this graph.
Maximum Cell Voltage
At no time should the peak voltage of the cell exceed its maximum
voltage. the designer should determine the maximum operating or
peak voltage that the cell will experience in the circuit and choose an
appropriately rated cell. Typical voltage rates range from 100V to 300V.
What Type of Material is Best?
Each specific material type represents a trade off between several
characteristics. Selecting the best material is a process of determining
which characteristics are most important tin the application.
PerkinElmer’s standard photocells in this catalog are manufactured
using one of two different material types offered: type “Ø” or type “3”.
In general, material type “Ø” is used for applications such as
nightlights, automotive sensors. Material type “3” is primarily used in
camera, streetlight control, and flame detector applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76