| データシートサーチシステム |
|
LP8725TLE/NOPB データシート(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP8725TLE/NOPB データシート(HTML) 3 Page - Texas Instruments |
|
3 / 46 page ![]() LDO1 1 µF 1.2V to 3.3V @ 300 mA VIN3 VIN2 1µF 1.2V to 3.3V @ 300 mA 1.2V to 3.3V @ 300 mA 1 µF LDO3 1 µF 1.2V to 3.3V @ 300 mA LDO4 LDO5 1 µF 1.2V to 3.3V @ 300 mA LDO 2 D LDO 1 D LDO3 D LDO4 A LDO5 A 2.2 µF 2.2 µF LP8725 Voltage Reference Thermal Shutdown 2.2 µF LDO2 0.8V to 3.0V @ 800 mA Buck 1 4.7 µF 1 µH SW1 FB1 GNDB1 VINB1 4.7 PF SDA SCL PWR_ON Serial Interface & Control GND Buck 2 SW2 FB2 GNDB2 VINB2 4.7 µF 1 µF 0.8V to 3.3V @ 300 mA LILO1 LILO2 0.8V to 3.3V @ 300 mA LILO 1 D LILO 2 D UVLO VIN1 2.2 µF VINLILO2 2.2 µF DEFSEL VINB1 VINB2 VIN3 VIN2 VIN1 LDO3_EN PS_HOLD RESET_N DVS CONFIG VINLILO1 10k 1.5k 1.5k VSI VIN1 0.8V to 3.0V @ 800 mA 4.7 µF 1 µH 1 µF LP8725 www.ti.com SNVS618G – DECEMBER 2009 – REVISED MAY 2013 TYPICAL APPLICATION (PMU) Copyright © 2009–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LP8725 |