| データシートサーチシステム |
|
TLK1201IRCPR データシート(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLK1201IRCPR データシート(HTML) 7 Page - Texas Instruments |
|
7 / 25 page ![]() TLK1201RCP, TLK1201IRCP ETHERNET TRANSCEIVERS SLLS506E − AUGUST 2001 − REVISED MAY 2007 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 receiver clock select mode (continued) td(S) td(S) td(H) td(H) K28.5 DXX.X DXX.X DXX.X K28.5 DXX.X RBC0 RBC1 SYNC RD(0−9) Figure 2. Synchronous Timing Characteristics Waveforms (TBI half-rate mode) In the normal-rate mode, only RBC0 is used and operates at full data rate (i.e., 1.25-Gbps data rate produces a 125-MHz clock). The received data is output with respect to the rising edge of RBC0. RBC1 is low in this mode. See the timing diagram shown in Figure 3. td(H) td(S) K28.5 DXX.X DXX.X DXX.X K28.5 DXX.X RBC0 SYNC RD(0−9) Figure 3. Synchronous Timing Characteristics Waveforms (TBI full-rate mode) In the double data rate mode, the receiver presents the data on both the rising and falling edges of RBC0. RBC1 is low impedance. The data is clocked bit-0 first, and aligned to the rising edge of RBC0. See the timing diagram shown in Figure 4. K28.5 DXX.X td(S) td(H) td(S) td(H) K28.5 DXX.X DXX.X DXX.X DXX.X DXX.X K28.5 K28.5 DXX.X Bits 0−4 Bits 5−9 RBC0 SYNC RD(0−4) Figure 4. Synchronous Timing Characteristics Waveforms (DDR mode) The receiver clock interpolator can lock to the incoming data without the need for a lock-to-reference preset. The received serial data rate (RXP and RXN) is at the same baud rate as the transmitted data stream, ±0.02% (200 PPM) for proper operation (see the recommended operating tables). |