| データシートサーチシステム |
|
TLV320AIC21 データシート(PDF) 49 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV320AIC21 データシート(HTML) 49 Page - Texas Instruments |
|
49 / 56 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 24-Sep-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TLV320A24KIPFBRG4 ACTIVE TQFP PFB 48 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 85 320AIC24K TLV320AIC20CPFB NRND TQFP PFB 48 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR 0 to 70 320AIC20C TLV320AIC20CPFBG4 NRND TQFP PFB 48 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR 0 to 70 320AIC20C TLV320AIC20IPFB NRND TQFP PFB 48 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 85 320AIC20I TLV320AIC20IPFBG4 NRND TQFP PFB 48 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 85 320AIC20I TLV320AIC20IPFBR NRND TQFP PFB 48 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 85 320AIC20I TLV320AIC20IPFBRG4 NRND TQFP PFB 48 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 85 320AIC20I TLV320AIC20KIPFB ACTIVE TQFP PFB 48 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 85 320AIC20K TLV320AIC20KIPFBG4 ACTIVE TQFP PFB 48 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 85 320AIC20K TLV320AIC20KIPFBR ACTIVE TQFP PFB 48 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 85 320AIC20K TLV320AIC21IPFB NRND TQFP PFB 48 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 85 320AIC21I TLV320AIC21IPFBG4 NRND TQFP PFB 48 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 85 320AIC21I TLV320AIC21IPFBR NRND TQFP PFB 48 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR -40 to 85 320AIC21I TLV320AIC24CPFB NRND TQFP PFB 48 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR 0 to 70 320AIC24C TLV320AIC24CPFBG4 NRND TQFP PFB 48 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR 0 to 70 320AIC24C TLV320AIC24CPFBR NRND TQFP PFB 48 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR 0 to 70 320AIC24C TLV320AIC24CPFBRG4 NRND TQFP PFB 48 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR 0 to 70 320AIC24C |