| データシートサーチシステム |
|
AISC-1008-R039 データシート(PDF) 4 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
AISC-1008-R039 データシート(HTML) 4 Page - Abracon Corporation |
|
4 / 4 page ![]() Wire Wound Inductor - Ceramic Or Ferrite Base ||||||||| | | | | | | AISC-1008(F) 2.92 x 2.79 x 2.29m m ABRACON IS ISO 9001 / QS 9000 CERTIFIED ABRACON IS ISO 9001 :2008 CERTIFIED 30332 Esperanza, Rancho Santa Margarita, California92688 tel 949-546-8000 | fax 949-546-8001| www.abracon.com Visit www.abracon.com for Terms & Conditions of Sale Revised: 09.17.13 Pb RoHS/RoHS II Compliant Materials No. Components Material A Coating Ultraviolet epoxy resin B Core Ceramic C Wire Polyurethane system enameled copper wire D Electrodes AISC-1008: Mo-Mn with Ni and Au plating AISC-1008F: Ag-Pd with Ni-Sn plating 1~2 oC/sec. Ramp Pre-heating: 150~190oC /90±30 sec. Time above 240 oC: 20~40sec Peak temperature: 260 oC Max./10sec; Solder paste: Sn/3.0Ag/0.5Cu Max.2 times for Re-flowing REFLOW PROFILE: A P B K Max T 2.73±0.2 4.0±0.1 2.90±0.2 2.34±0.2 0.23±0.1 4.0±0.1 50 Φ1.5(+0.1/ -0) P 2.0±0.1 A T K 5.0 ±0.1 3.0 ±0.1 4.0±0.1 10±1.5 2.45 ±0.2 TAPE & REEL: ATTENTION:Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automo- tive Applications. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requir- ing high reliability where component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information. ∆ ∆ ∆ ∆ ∆ ∆ 2kpcs /Reel |