| データシートサーチシステム |
|
PCM3008T/2K データシート(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PCM3008T/2K データシート(HTML) 2 Page - Texas Instruments |
|
2 / 27 page ![]() PCM3008 SLAS332 – APRIL 2001 2 www.ti.com 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VCOM VINR VINL GND VCC DEM0 DEM1 DOUT VOUTR VOUTL PDDA PDAD BCK SYSCK LRCK DIN PCM3008 PACKAGE (TOP VIEW) PACKAGE/ORDERING INFORMATION PRODUCT PACKAGE PACKAGE DRAWING NUMBER OPERATION TEMPERATURE RANGE PACKAGE MARKING ORDERING NUMBER(1) TRANSPORT MEDIA { ° ° PCM3008T Rails PCM3008T TSSOP–16 ZZ363{ –25 °C to +85 °C PCM3008T PCM3008T/2K Tape and Reel † TI equivalent no. 4040064. NOTE: Models with a slash (/) are available only in tape and reel in the quantities indicated (e.g., /2K indicates 2000 devices per reel). Ordering 2000 pieces of PCM3008T/2K will get a single 2000-piece tape and reel. block diagram Clock Power Supply Reference ADC DAC Analog Front-End Circuit Delta-Sigma Modulator + – Decimation and High Pass Filter Serial Interface Analog Front-End Circuit Delta-Sigma Modulator Decimation and High Pass Filter + – Analog Low-Pass Filter Analog Low-Pass Filter Delta-Sigma Modulator Delta-Sigma Modulator Interpolation Filter 8 × Oversampling Interpolation Filter 8 × Oversampling De-Emphasis Control Power Down Control VINL VCOM VINR VOUTL VOUTR VCC GND SYSCK LRCK BCK DIN DOUT DEM0 DEM1 PDDA PDAD |