| データシートサーチシステム |
|
TNETV2685FIDZUT11 データシート(PDF) 97 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETV2685FIDZUT11 データシート(HTML) 97 Page - Texas Instruments |
|
97 / 190 page ![]() TMS320DM647 TMS320DM648 www.ti.com SPRS372H – MAY 2007 – REVISED APRIL 2012 Table 6-26. DSP Interrupt Events (continued) DSP EVENT INTERRUPT SOURCE INTERRUPT EVENT NUMBER 41 VP4_INT VP4 Interrupt 42 GPIO_BNK1_INT (GPIO16:31) GPIO Bank 1 Interrupt event 43 AXINT TX Interrupt McASP 44 ARINT RX Interrupt McASP 45-49 Reserved 50 VINT VLYNQ Pulse Interrupt event 51 GPINT0 GPIO Interrupt event 52 GPINT1 GPIO Interrupt event 53 GPINT2 GPIO Interrupt event 54 GPINT3 GPIO Interrupt event 55 GPINT4 GPIO Interrupt event 56 GPINT5 GPIO Interrupt event 57 GPINT6 GPIO Interrupt event 58 GPINT7 GPIO Interrupt event 59 GPINT8 GPIO Interrupt event 60 GPINT9 GPIO Interrupt event 61 GPINT10 GPIO Interrupt event 62 GPINT11 GPIO Interrupt event 63 GPINT12 GPIO Interrupt 64 GPINT13 GPIO Interrupt 65 GPINT14 GPIO Interrupt event 66 GPINT15 GPIO Interrupt event 67 TINT0L Timer interrupt low event 68 TINT0H Timer interrupt high event 69 TINT1L Timer interrupt low event 70 TINT1H Timer interrupt high event 71 EDMA3CC_INT0 EDMA3CC Completion Interrupt - Mask0 event 72 EDMA3CC_INT1 EDMA3CC Completion Interrupt – Mask1 event 73 EDMA3CC_INT2 EDMA3CC Completion Interrupt – Mask2 event 74 EDMA3CC_INT3 EDMA3CC Completion Interrupt – Mask3 event 75 EDMA3CC_INT4 EDMA3CC Completion Interrupt – Mask4 event 76 EDMA3CC_INT5 EDMA3CC Completion Interrupt – Mask5 event 77 EDMA3CC_INT6 EDMA3CC Completion Interrupt – Mask6 event 78 EDMA3CC_INT7 EDMA3CC Completion Interrupt – Mask7 event 79 EDMA3CC_ERRINT EDMA3CC Error Interrupt event 80 EDMA3CC_MPINT EDMA3CC Memory Protection Interrupt event 81 EDMA3TC0_ERRINT EDMA3TC0 Error Interrupt event 82 EDMA3TC1_ERRINT EDMA3TC1 Error Interrupt event 83 EDMA3TC2_ERRINT EDMA3TC2 Error Interrupt event 84 EDMA3TC3_ERRINT EDMA3TC3 Error Interrupt event 85 Reserved Reserved 86 Reserved Reserved 87 Reserved Reserved 88 Reserved Reserved 89 Reserved Reserved 90 Reserved Reserved Copyright © 2007–2012, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 97 Submit Documentation Feedback Product Folder Link(s): TMS320DM647 TMS320DM648 |