| データシートサーチシステム |
|
TMS320DM814x データシート(PDF) 215 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x データシート(HTML) 215 Page - Texas Instruments |
|
215 / 376 page ![]() TMS320DM8148, TMS320DM8147 www.ti.com SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 Table 7-28. ARM Cortex-A8 Interrupt Controller (AINTC) Interrupt Sources (continued) Cortex-A8 ACRONYM SOURCE INTERRUPT NUMBER 36 DSSINT HDVPSS 37 GFXINT SGX530 38 HDMIINT HDMI 39 ISS_IRQ_5 ISS 40 3PGSWRXTHR0 EMAC Switch RX Threshold 41 3PGSWRXINT0 EMAC Switch Receive 42 3PGSWTXINT0 EMAC Switch Transmit 43 3PGSWMISC0 EMAC Switch Miscellaneous 44 UARTINT3 UART3 45 UARTINT4 UART4 46 UARTINT5 UART5 47 - Reserved 48 PCIINT0 PCIe 49 PCIINT1 PCIe 50 PCIINT2 PCIe 51 PCIINT3 PCIe 52 DCAN0_INT0 DCAN0 53 DCAN0_INT1 DCAN0 54 DCAN0_PARITY DCAN0 Parity 55 DCAN1_INT0 DCAN1 56 DCAN1_INT1 DCAN1 57 DCAN1_PARITY DCAN1 Parity 58-61 – Reserved 62 GPIOINT3A GPIO3 63 GPIOINT3B GPIO3 64 SDINT0 MMC/SD0 65 SPIINT0 SPI0 66 - Reserved 67 TINT1 TIMER1 68 TINT2 TIMER2 69 TINT3 TIMER3 70 I2CINT0 I2C0 71 I2CINT1 I2C1 72 UARTINT0 UART0 73 UARTINT1 UART1 74 UARTINT2 UART2 75 RTCINT RTC 76 RTCALARMINT RTC Alarm 77 MBINT Mailbox 78 – Reserved 79 PLLINT PLL Recalculation Interrupt 80 MCATXINT0 McASP0 Transmit 81 MCARXINT0 McASP0 Receive 82 MCATXINT1 McASP1 Transmit 83 MCARXINT1 McASP1 Receive 84 MCATXINT2 McASP2 Transmit 85 MCARXINT2 McASP2 Receive Copyright © 2011–2013, Texas Instruments Incorporated Power, Reset, Clocking, and Interrupts 215 Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |