| データシートサーチシステム |
|
TMS320DM814x データシート(PDF) 95 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x データシート(HTML) 95 Page - Texas Instruments |
|
95 / 376 page ![]() TMS320DM8148, TMS320DM8147 www.ti.com SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 Table 3-15. HDMI Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. VOUT[1]_B_CB_C[2]/ VOUT[1], GPMC, GPMC_A[0]/ VIN[1]A, SPI[2], VIN[1]A_D[7]/ IPU GP3 AF28 I/O HDMI_CEC/ DVDD PINCNTL231 SPI[2]_D[0]/ DSIS: 1 GP3[30] MM: MUX1 HDMI Consumer Electronics Control I/O GPMC_A[22]/ GPMC, SPI[2], SPI[2]_D[1]/ TIMER4, GP1 IPU HDMI_CEC/ AB27 I/O PINCNTL111 DVDD_GPMC TIM4_IO/ DSIS: 1 GP1[17] MM: MUX0 VOUT[1]_R_CR[2]/ VOUT[1], GPMC, GPMC_A[15]/ VIN[1]ASPI[2], VIN[1]A_D[23]/ IPD GP3 AE27 I HDMI_HPDET/ DVDD PINCNTL230 SPI[2]_D[1]/ DSIS: 0 HDMI Hot Plug Detect Input. Signals the connection / GP3[22] MM: MUX1 removal of an HDMI cable at the connector. GPMC_A[23]/ GPMC, SPI[2], SPI[2]_SCLK/ TIMER5, GP1 IPD HDMI_HPDET/ AA26 I PINCNTL112 DVDD_GPMC TIM5_IO/ DSIS: 0 GP1[18] MM: MUX0 Copyright © 2011–2013, Texas Instruments Incorporated Device Pins 95 Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |