| データシートサーチシステム |
|
TMS320DM814x データシート(PDF) 124 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814x データシート(HTML) 124 Page - Texas Instruments |
|
124 / 376 page ![]() TMS320DM8148, TMS320DM8147 SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 www.ti.com Table 3-35. Timer Terminal Functions (continued) SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. Timer 3 CLKIN32, CLKIN32/ CLKOUT, GP3 CLKOUT0/ IPD J7 I/O PINCNTL259 TIM3_IO/ DVDD DSIS: PIN GP3[31] MM: MUX3 GPMC, GP1 GPMC_A[19]/ IPD PINCNTL108 TIM3_IO/ AC27 I/O DVDD_GPMC DSIS: PIN GP1[14] MM: MUX2 AUD_CLKIN2/ AUD_CLKIN2, Timer 3 capture event input or PWM output MCA[0]_AXR[9]/ MCA[0], MCA[2]. MCA[2]_AHCLKX/ MCA[5], EDMA, IPD MCA[5]_AHCLKX/ H1 I/O GP0 DVDD EDMA_EVT2/ PINCNTL16 TIM3_IO/ DSIS: PIN GP0[9] MM: MUX1 MCA[2], MCA[1], MCA[2]_AXR[3]/ GP0 MCA[1]_AXR[7]/ IPD H2 I/O PINCNTL44 TIM3_IO/ DVDD DSIS: PIN GP0[15] MM: MUX0 Timer 2 EMAC, GP1 EMAC_RMREFCLK/ IPD PINCNTL232 TIM2_IO/ J27 I/O DVDD_GPMC DSIS: PIN GP1[10] MM: MUX3 GPMC, GP0 GPMC_A[18]/ IPD PINCNTL107 TIM2_IO/ AE28 I/O DVDD_GPMC DSIS: PIN GP0[13] MM: MUX2 AUD_CLKIN1/ AUD_CLKIN1, MCA[0]_AXR[8]/ MCA[0], MCA[1], Timer 2 capture event input or PWM output MCA[1]_AHCLKX/ MCA[4], EDMA, IPD MCA[4]_AHCLKX/ R5 I/O GP0 DVDD EDMA_EVT3/ PINCNTL15 TIM2_IO/ DSIS: PIN GP0[8] MM: MUX1 MCA[2], MCA[1], MCA[2]_AXR[2]/ GP0 MCA[1]_AXR[6]/ IPD V5 I/O PINCNTL43 TIM2_IO/ DVDD DSIS: PIN GP0[14] MM: MUX0 Watchdog Timer 0 DIS – RSTOUT_WD_OUT O Watchdog timer 0 event output DVDD PINCNTL262 124 Device Pins Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |