データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMS320C6472ECTZ データシート(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMS320C6472ECTZ
部品情報  TMS320C6472 Fixed-Point Digital Signal Processor
PDF  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6472ECTZ データシート(HTML) 78 Page - Texas Instruments

Back Button TMS320C6472ECTZ Datasheet HTML 74Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 75Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 76Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 77Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 78Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 79Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 80Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 81Page - Texas Instruments TMS320C6472ECTZ Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 269 page
background image
TMS320C6472
SPRS612G
– JUNE 2009 – REVISED JULY 2011
www.ti.com
3.7
Host and Inter-DSP Interrupt Registers
3.7.1
NMI Generator Registers (NMIGR0-NMIGR5)
The NMI generator registers (NMIGR0-NMIGR5) create an NMI event to each C64x+ megamodule. The
NMIGR0 register generates an NMI event to C64x+ Megamodule0, the NMIGR1 register generates an
NMI event to C64x+ Megamodule1, etc. Writing a 1 to the NMIG field generates an NMI pulse. Writing a 0
has no effect; reads return 0 and have no other effect. The source ID fields found in IPCGR0-IPCGR5 can
be used along with the NMI generation registers to identify the source of the NMI.
31
16
Reserved
R-0000 0000 0000 0000 0000 0000 0000 000
15
1
0
Reserved
NMIG
R-0000 0000 0000 0000 0000 0000 0000 000
R/W-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 3-8. NMI Generator Registers (NMIGR0-NMIGR5)
78
Device Configuration
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More