| データシートサーチシステム |
|
TMS570LS0232PZ データシート(PDF) 64 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS570LS0232PZ データシート(HTML) 64 Page - Texas Instruments |
|
64 / 109 page ![]() TRST TMS TCK TDI TDO RTCK BoundaryScan BSR/BSDL BoundaryScanI/F SecondaryTap0 DAP Debug APB Debug ROM1 APBslave Cortex R4 TestTap0 eFuseFarm SecondaryTap2 AJSM TMS570LS0232 SPNS242A – OCTOBER 2014 – REVISED JUNE 2015 www.ti.com 6.20 Debug Subsystem 6.20.1 Block Diagram The device contains an ICEPICK module to allow JTAG access to the scan chains (see Figure 6-13). Figure 6-13. Debug Subsystem Block Diagram 6.20.2 Debug Components Memory Map Table 6-28. Debug Components Memory Map FRAME ADDRESS RANGE FRAME CHIP FRAME ACTUAL RESPONSE FOR ACCESS TO MODULE NAME SELECT SIZE SIZE UNIMPLEMENTED LOCATIONS IN FRAME START END CoreSight Debug CSCS0 0xFFA0_0000 0xFFA0_0FFF 4KB 4KB Reads return zeros, writes have no effect ROM Cortex-R4 Debug CSCS1 0xFFA0_1000 0xFFA0_1FFF 4KB 4KB Reads return zeros, writes have no effect 6.20.3 JTAG Identification Code The JTAG ID code for this device is the same as the device ICEPick Identification Code. Table 6-29. JTAG Identification Code SILICON REVISION IDENTIFICATION CODE Initial Silicon 0x0B97102F Revision A 0x1B97102F Revision B 0x2B97102F 64 System Information and Electrical Specifications Copyright © 2014–2015, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS570LS0232 |