| データシートサーチシステム |
|
TMS570LS1114 データシート(PDF) 36 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS570LS1114 データシート(HTML) 36 Page - Texas Instruments |
|
36 / 169 page ![]() TMS570LS1114 SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015 www.ti.com 4.3.2.19 No Connects Table 4-38. No Connects Terminal Signal Reset Pull Pull Type Description Type State Signal Name 337 ZWT NC C11 - N/A None No Connects. These balls are not connected to any NC C12 - N/A None internal logic and can be NC C13 - N/A None connected to the PCB ground without affecting NC C14 - N/A None the functionality of the NC C15 - N/A None device. NC C16 - N/A None NC C17 - N/A None NC D6 - N/A None NC D7 - N/A None NC D8 - N/A None NC D9 - N/A None NC D10 - N/A None NC D11 - N/A None NC D12 - N/A None NC D13 - N/A None NC D14 - N/A None NC D15 - N/A None NC E4 - N/A None NC E14 - N/A None NC E15 - N/A None NC F4 - N/A None NC F15 - N/A None NC F16 - N/A None NC F17 - N/A None NC G4 - N/A None NC G15 - N/A None NC H15 - N/A None NC J15 - N/A None NC J16 - N/A None NC K4 - N/A None NC K16 - N/A None NC L4 - N/A None NC L16 - N/A None NC L18 - N/A None NC L19 - N/A None NC M4 - N/A None NC M16 - N/A None NC N4 - N/A None NC N16 - N/A None NC N18 - N/A None NC P4 - N/A None 36 Terminal Configuration and Functions Copyright © 2012–2015, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TMS570LS1114 |