| データシートサーチシステム |
|
TMS320UC5409 データシート(PDF) 73 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320UC5409 データシート(HTML) 73 Page - Texas Instruments |
|
73 / 81 page ![]() TMS320UC5409 FIXEDPOINT DIGITAL SIGNAL PROCESSOR SPRS101E − APRIL 1999 − REVISED OCTOBER 2008 73 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 HPI16 timing (continued) timing requirements†‡§ [H = 0.5tc(CO)] (see Note 1, Figure 42, and Figure 43) MIN MAX UNIT tsu(HBV-DSL) Setup time, HAD valid before DS falling edge†‡ 10 ns th(DSL-HBV) Hold time, HAD valid after DS falling edge†‡ 5 ns tsu(HAV-DSL) Setup time, HAD valid before DS falling edge† ns th(DSH-HAV) Hold time, address valid after DS rising edge† ns tsu(HDV-DSH) Setup time, Dx valid before DS high (HPI write) ns th(DSH-HDV)W Hold time, Dx valid aftere DS high (HPI write) 3 ns tw(DSL) Pulse duration, DS low‡ 20 ns tw(DSH) Pulse duration, DS high‡ 10 ns tsu(GPIO-COH) Setup time, Dx input valid before CLKOUT high, HDx configured as general-purpose input 2 ns th(GPIO-COH) Hold time, Dx input valid after CLKOUT high, HDx configured as general-purpose input 0 ns tc(DSH-DSH) Cycle time, DS rising edge to next DS rising edge‡ Nonmultiplexed mode (no increment) with no DMA activity. ns tc(DSH-DSH) (Minimum timings represent WRITEs while maximum timings represent READs) Nonmultiplexed mode (no increment) with 16-bit DMA activity. ns † DS refers to the logical OR of HCS and HDS1 and HDS2. ‡ .Dx refers to any of the HPI data bus pins (D0, D1, D2, etc.). § GPIO refers tothe HD pins when they are configured as general-purpose input/outputs. Not Recommended For New Designs |