| データシートサーチシステム |
|
MCP2221-I/ML データシート(PDF) 56 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2221-I/ML データシート(HTML) 56 Page - Microchip Technology |
|
56 / 80 page ![]() MCP2221 DS20005292B-page 56 2015 Microchip Technology Inc. 25 GP3 settings Bit 7-5 Don’t care Bit 4: GPIO Output value When the GP3 is set as an output GPIO, this value will be present at the GP3 pin Bit 3: GPIO Direction (Input/Output) – Works only when GP3 is set for GPIO operation 1 GPIO Input mode 0 GPIO Output mode Bit 2-0: GP3 Designation 111-100 Don’t care 011 Alternate function 1 (DAC2) 010 Alternate function 0 (ADC3) 001 Dedicated function operation (LED I2C) 000 GPIO operation 26-63 Don’t care TABLE 3-39: RESPONSE 1 STRUCTURE (CONTINUED) Byte Index Function Description Value Effect |