| データシートサーチシステム |
|
MCP2221AT-I/ML データシート(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2221AT-I/ML データシート(HTML) 7 Page - Microchip Technology |
|
7 / 80 page ![]() 2016 Microchip Technology Inc. DS20005565A-page 7 MCP2221A REGISTER 1-1: CHIPSETTING0 REGISTER R/W-0 R/W-1 R/W-1 R/W-1 R/W-1 R/W-1 R/W-0 R/W-0 CDCSNEN LEDURXINST LEDUTXINST LEDI2CINST SSPNDINST USBCFGINST CHIPPROT1 CHIPPROT0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7 CDCSNEN: USB CDC Serial Number Enable bit 1 = USB CDC Serial Number is enumerated 0 = No USB CDC Serial Number enumeration (factory default) bit 6 LEDURXINST: LED UART RX Inactive State bit 1 =LED UART RX is inactive-high and active-low (factory default) 0 =LED UART RX is inactive-low and active-high bit 5 LEDUTXINST: LED UART TX Inactive State bit 1 =LED UART TX is inactive-high and active-low (factory default) 0 =LED UART TX is inactive-low and active-high bit 4 LEDI2CINST: LED I2C Inactive State bit 1 =LED I2C is inactive-high and active-low (factory default) 0 =LED I2C is inactive-low and active-high bit 3 SSPNDINST: SSPND Inactive State bit 1 = SSPND is inactive-high and active-low (factory default) 0 = SSPND is inactive-low and active-high bit 2 USBCFGINST: USBCFG Inactive State bit 1 = USBCFG is inactive-high and active-low (factory default) 0 = USBCFG is inactive-low and active-high bit 1-0 CHIPPROT<1:0>: Chip Settings Protection Level bits 11 = Reserved 10 = Permanently locked 01 = Password protection 00 = Chip settings unprotected (factory default) |