| データシートサーチシステム |
|
MCP2025-500E/P データシート(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2025-500E/P データシート(HTML) 13 Page - Microchip Technology |
|
13 / 38 page ![]() 2012-2014 Microchip Technology Inc. DS20002306B-page 13 MCP2025 1.7 ICSP™ Considerations The following should be considered when the MCP2025 are connected to pins supporting in-circuit programming: • Power used for programming the microcontroller can be supplied from the programmer or from the MCP2025. The voltage on the VREG pin should not exceed the maximum value of VREG in DC Specifications. |