| データシートサーチシステム |
|
MCP2003-E/MD データシート(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2003-E/MD データシート(HTML) 20 Page - Microchip Technology |
|
20 / 34 page ![]() MCP2003/4/3A/4A DS20002230F-page 20 2010-2014 Microchip Technology Inc. 3.0 PACKAGING INFORMATION 3.1 Package Marking Information 8-Lead PDIP (300 mil) Examples: 8-Lead SOIC (150 mil) Examples: Examples : 8-Lead DFN (4x4) Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC® designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note : In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 2004A 1406 256 E/MD^^3 e E/P^^256 1406 MCP2003A 3 e MCP2003 E SN^^1406 256 3 e |