データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP1406-E/AT データシート(PDF) 19 Page - Microchip Technology

部品番号 MCP1406-E/AT
部品情報  6A High-Speed Power MOSFET Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1406-E/AT データシート(HTML) 19 Page - Microchip Technology

Back Button MCP1406-E/AT Datasheet HTML 15Page - Microchip Technology MCP1406-E/AT Datasheet HTML 16Page - Microchip Technology MCP1406-E/AT Datasheet HTML 17Page - Microchip Technology MCP1406-E/AT Datasheet HTML 18Page - Microchip Technology MCP1406-E/AT Datasheet HTML 19Page - Microchip Technology MCP1406-E/AT Datasheet HTML 20Page - Microchip Technology MCP1406-E/AT Datasheet HTML 21Page - Microchip Technology MCP1406-E/AT Datasheet HTML 22Page - Microchip Technology MCP1406-E/AT Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
 2006-2016 Microchip Technology Inc.
DS20002019C-page 19
MCP1406/07
B
A
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing No. C04-018D Sheet 1 of 2
8-Lead Plastic Dual In-Line (P) - 300 mil Body [PDIP]
eB
E
A
A1
A2
L
8X b
8X b1
D
E1
c
C
PLANE
.010
C
12
N
NOTE 1
TOP VIEW
END VIEW
SIDE VIEW
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30