データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HV583GA-G データシート(PDF) 12 Page - Microchip Technology

部品番号 HV583GA-G
部品情報  128-Channel Serial to Parallel Converter with Push-Pull Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV583GA-G データシート(HTML) 12 Page - Microchip Technology

Back Button HV583GA-G Datasheet HTML 8Page - Microchip Technology HV583GA-G Datasheet HTML 9Page - Microchip Technology HV583GA-G Datasheet HTML 10Page - Microchip Technology HV583GA-G Datasheet HTML 11Page - Microchip Technology HV583GA-G Datasheet HTML 12Page - Microchip Technology HV583GA-G Datasheet HTML 13Page - Microchip Technology HV583GA-G Datasheet HTML 14Page - Microchip Technology HV583GA-G Datasheet HTML 15Page - Microchip Technology HV583GA-G Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
HV583
DS20005461A-page 12
 2015 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Legend:
XX...X
Product Code or Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
3
e
3
e
XXXXXXXXXX
YYWWNNN
XXXXXXXXXX
XXXXXXXXXX
169-Ball TFBGA (10 x10 x1.1 mm)
Example
HV583GA ^^
1533256
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22