データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCP111T-240E/TT データシート(PDF) 13 Page - Microchip Technology

部品番号 MCP111T-240E/TT
部品情報  Micropower Voltage Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP111T-240E/TT データシート(HTML) 13 Page - Microchip Technology

Back Button MCP111T-240E/TT Datasheet HTML 9Page - Microchip Technology MCP111T-240E/TT Datasheet HTML 10Page - Microchip Technology MCP111T-240E/TT Datasheet HTML 11Page - Microchip Technology MCP111T-240E/TT Datasheet HTML 12Page - Microchip Technology MCP111T-240E/TT Datasheet HTML 13Page - Microchip Technology MCP111T-240E/TT Datasheet HTML 14Page - Microchip Technology MCP111T-240E/TT Datasheet HTML 15Page - Microchip Technology MCP111T-240E/TT Datasheet HTML 16Page - Microchip Technology MCP111T-240E/TT Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
 2004-2016 Microchip Technology Inc.
DS20001889F-page 13
MCP111/112
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
3-Lead SOT-23
3-Lead TO-92
Example:
Device
Code
MCP111T-195I/TT
MPNN
MCP111T-240ETT
MQNN
MCP111T-270E/TT
MGNN
MCP111T-290E/TT
NHNN
MCP111T-300E/TT
MJNN
MCP111T-315E/TT
MKNN
MCP111T-450E/TT
MLNN
MCP111T-475E/TT
MMNN
MCP112T-195I/TT
MRNN
MCP112T-240ETT
MSNN
MCP112T-270E/TT
MANN
MCP112T-290E/TT
MBNN
MCP112T-300E/TT
MCNN
MCP112T-315E/TT
MDNN
MCP112T-450E/TT
MENN
MCP112T-475E/TT
MFNN
Example:
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
YWWNNN
XXXXXX
XXXXXX
XXXXXX
MCP111
240E
TO^^
626256
3
e
Device
Code
MCP111-240E/TO
240E
MCP111-270E/TO
270E
MCP111-290E/TO
290E
MCP111-300E/TO
300E
MCP111-315E/TO
315E
MCP111-450E/TO
450E
MCP111-475E/TO
475E
MCP111-195I/TO
195I
XXNN
MP25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32