データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SZ153D データシート(PDF) 1 Page - Bruckewell Technology LTD

部品番号 SZ153D
部品情報  Complete Voltage Range 3.3 to 200 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BWTECH [Bruckewell Technology LTD]
ホームページ  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SZ153D データシート(HTML) 1 Page - Bruckewell Technology LTD

  SZ153D Datasheet HTML 1Page - Bruckewell Technology LTD SZ153D Datasheet HTML 2Page - Bruckewell Technology LTD SZ153D Datasheet HTML 3Page - Bruckewell Technology LTD SZ153D Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SZ153D_SZ15D0_Zener
VZ : 3.3 - 200 Volts
PD : 1 Watt
Publication Order Number: [SZ153D_SZ15D0_Zener]
© Bruckewell Technology Corporation Rev. A -2014
Features
• Complete Voltage Range 3.3 to 200 Volts
• High peak reverse power dissipation
• High reliability
• Low leakage current
• RoHS compliant package
Mechanical Data
• Case : SMA (DO-214AC) Molded plastic
• Epoxy : UL94V-O rate flame retardant
• Lead : Lead formed for Surface mount
• Polarity : Color band denotes cathode end
• Mounting position : Any
• Weight : 0.065 gram
Packing & Order Information
3,000/Reel
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings (Tc=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
PD
DC Power Dissipation at TL = 75 °C (Note1)
1.0
V
VF
Maximum Forward Voltage at IF = 200 mA
1.2
mW
TJ
Junction Temperature Range
-55 to +150
°C
Tstg
Storage Temperature Range
-55 to +150
°C
Note :
P.C.B. Mounted on 0.31x0.31x0.08" (8x8x2mm) copper areas pads.
Fig. 1 MAXIMUM CONTINUOUS POWER DERATING


同様の部品番号 - SZ153D

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SZ153D EIC-SZ153D Datasheet
27Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
SZ153D EIC-SZ153D Datasheet
52Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
SZ153D EIC-SZ153D Datasheet
50Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
SUNMATE electronic Co.,...
SZ153D SUNMATE-SZ153D Datasheet
320Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SZ153D EIC-SZ153D_06 Datasheet
52Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
More results

同様の説明 - SZ153D

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MMBD717WS ETC1-MMBD717WS Datasheet
450Kb / 3P
Voltage Range 20 Volts Current 200 mA
logo
Shenzhen Taychipst Elec...
1N4942 TAYCHIPST-1N4942 Datasheet
630Kb / 2P
VOLTAGE RANGE 200 TO 1000 VOLTS CUR RENT 1.0 AMPERE
logo
WILLAS ELECTRONIC CORP
SR5150 WILLAS-SR5150 Datasheet
165Kb / 2P
VOLTAGE RANGE 150 to 200 Volts CURRENT 5.0 Ampere
logo
Gaomi Xinghe Electronic...
MBR1035 GXELECTRONICS-MBR1035 Datasheet
332Kb / 2P
Voltage Range 35 to 200 Volts Current 10.0 Amperes
logo
Bruckewell Technology L...
SZ303D-SZ30D0 BWTECH-SZ303D-SZ30D0 Datasheet
496Kb / 5P
Complete Voltage Range 3.3 to 200 Volts
logo
Nanjing International G...
1SMB5913A DGNJDZ-1SMB5913A Datasheet
36Kb / 2P
Complete Voltage Range 3.3 to 200 Volts
logo
Bruckewell Technology L...
1SMB5913A BWTECH-1SMB5913A Datasheet
500Kb / 5P
Complete Voltage Range 3.3 to 200 Volts
SZ103D BWTECH-SZ103D Datasheet
304Kb / 4P
Complete Voltage Range 3.3 to 200 Volts
logo
Shenzhen Luguang Electr...
3EZ3.9D5 LUGUANG-3EZ3.9D5 Datasheet
3Mb / 3P
Complete Voltage Range 3.9 to 200 Volts
logo
Shanghai Leiditech Elec...
1SMA4728A LEIDITECH-1SMA4728A Datasheet
253Kb / 2P
Complete voltage range 3.3 to 100 volts
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com