| データシートサーチシステム |
|
MCP131-195E/TT データシート(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP131-195E/TT データシート(HTML) 2 Page - Microchip Technology |
|
2 / 28 page ![]() MCP102/103/121/131 DS20001906D-page 2 2004-2014 Microchip Technology Inc. TABLE 1: DEVICE FEATURES Device Output Reset Delay (typ) Package Pinout (Pin # 1, 2, 3) Comment Type Pull-up Resistor MCP102 Push-pull No 120 ms RST, VDD, VSS MCP103 Push-pull No 120 ms VSS, RST, VDD MCP121 Open-drain External 120 ms RST, VDD, VSS MCP131 Open-drain Internal (~95 k )120 ms RST, VDD, VSS MCP111 Open-drain External No VOUT, VSS, VDD See MCP111/112 Data Sheet (DS21889) MCP112 Push-Pull No No VOUT, VSS, VDD See MCP111/112 Data Sheet (DS21889) |