データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TP3054WMX/NOPB データシート(PDF) 2 Page - Texas Instruments

部品番号 TP3054WMX/NOPB
部品情報  Enhanced Serial Interface CODEC/Filter COMBO Family
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TP3054WMX/NOPB データシート(HTML) 2 Page - Texas Instruments

  TP3054WMX/NOPB Datasheet HTML 1Page - Texas Instruments TP3054WMX/NOPB Datasheet HTML 2Page - Texas Instruments TP3054WMX/NOPB Datasheet HTML 3Page - Texas Instruments TP3054WMX/NOPB Datasheet HTML 4Page - Texas Instruments TP3054WMX/NOPB Datasheet HTML 5Page - Texas Instruments TP3054WMX/NOPB Datasheet HTML 6Page - Texas Instruments TP3054WMX/NOPB Datasheet HTML 7Page - Texas Instruments TP3054WMX/NOPB Datasheet HTML 8Page - Texas Instruments TP3054WMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TLH5510
August 1994
TP3054 TP3057
‘‘Enhanced’’ Serial Interface
CODECFilter COMBO
Family
General Description
The TP3054 TP3057 family consists of m-law and A-law
monolithic PCM CODECfilters utilizing the AD and DA
conversion architecture shown in
Figure 1 and a serial PCM
interface The devices are fabricated using National’s ad-
vanced double-poly CMOS process (microCMOS)
The encode portion of each device consists of an input gain
adjust amplifier an active RC pre-filter which eliminates very
high frequency noise prior to entering a switched-capacitor
band-pass filter that rejects signals below 200 Hz and above
3400 Hz Also included are auto-zero circuitry and a com-
panding coder which samples the filtered signal and en-
codes it in the companded m-law or A-law PCM format The
decode portion of each device consists of an expanding
decoder which reconstructs the analog signal from the
companded m-law or A-law code a low-pass filter which
corrects for the sin xx response of the decoder output and
rejects signals above 3400 Hz followed by a single-ended
power amplifier capable of driving low impedance loads
The devices require two 1536 MHz 1544 MHz or 2048
MHz transmit and receive master clocks which may be
asynchronous transmit and receive bit clocks which may
vary from 64 kHz to 2048 MHz and transmit and receive
frame sync pulses The timing of the frame sync pulses and
PCM data is compatible with both industry standard formats
Features
Y
Complete CODEC and filtering system (COMBO)
including
Transmit high-pass and low-pass filtering
Receive low-pass filter with sin xx correction
Active RC noise filters
m
-law or A-law compatible COder and DECoder
Internal precision voltage reference
Serial IO interface
Internal auto-zero circuitry
Y
m
-law 16-pinTP3054
Y
A-law 16-pinTP3057
Y
Designed for D3D4 and CCITT applications
Y
g
5V operation
Y
Low operating powertypically 50 mW
Y
Power-down standby modetypically 3 mW
Y
Automatic power-down
Y
TTL or CMOS compatible digital interfaces
Y
Maximizes line interface card circuit density
Y
Dual-In-Line or surface mount packages
Y
See also AN-370 ‘‘Techniques for Designing with
CODECFilter COMBO Circuits’’
Connection Diagrams
Dual-In-Line Package
TLH5510 – 1
Top View
Order Number TP3054J or TP3057J
See NS Package Number J16A
Order Number TP3054N or TP3057N
See NS Package Number N16A
Order Number TP3054WM or TP3057WM
See NS Package Number M16B
Plastic Chip Carriers
TLH5510 – 10
Top View
Order Number TP3057V
See NS Package Number V20A
COMBO
and TRI-STATE
are registered trademarks of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M125Printed in U S A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18