| データシートサーチシステム |
|
MAX3535ECWI データシート(PDF) 19 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX3535ECWI データシート(HTML) 19 Page - Maxim Integrated Products |
|
19 / 25 page ![]() +3V to +5V, 2500VRMS Isolated RS-485/RS-422 Transceivers with ±15kV ESD Protection ______________________________________________________________________________________ 19 Applications Information Typical Applications The MAX3535E/MXL1535E transceivers facilitate bi- directional data communications on multipoint bus transmission lines. Figure 11 shows a typical RS-485 multidrop-network applications circuit. Figure 12 shows the MAX3535E/MXL1535E functioning as line repeaters with cable lengths longer than 4000ft. To minimize reflections, terminate the line at both ends in its charac- teristic impedance. Keep stub lengths off the main line as short as possible. DI DE RO TGM-240 1/2 BAT54C TRANSFORMER DRIVER BARRIER TRANSCEIVER ISOLATION BARRIER BARRIER TRANSCEIVER 1/2 BAT54C VOLTAGE REGULATOR B A R D RE RO DE DI R 120 Ω D A B RE RE DI DE RO B A R D GND2 +3.3V DRIVER RECEIVER A B Y Z SLO RO2 ST1 RO1 RE DE DI GND1 ST2 VCC2 VCC1 VCC2 120 Ω 0.1 µF 0.1 µF CONTROL GROUND RS-485 GROUND 10 µF 10 µF MAX3535E R D Figure 11. Typical Half-Duplex Multidrop RS-485 Network |