データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD20NF06T4 データシート(PDF) 7 Page - STMicroelectronics

部品番号 STD20NF06T4
部品情報  N-CHANNEL 60V - 0.032OHM - 24A DPAK STripFET™ II POWER MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD20NF06T4 データシート(HTML) 7 Page - STMicroelectronics

Back Button STD20NF06T4 Datasheet HTML 3Page - STMicroelectronics STD20NF06T4 Datasheet HTML 4Page - STMicroelectronics STD20NF06T4 Datasheet HTML 5Page - STMicroelectronics STD20NF06T4 Datasheet HTML 6Page - STMicroelectronics STD20NF06T4 Datasheet HTML 7Page - STMicroelectronics STD20NF06T4 Datasheet HTML 8Page - STMicroelectronics STD20NF06T4 Datasheet HTML 9Page - STMicroelectronics STD20NF06T4 Datasheet HTML 10Page - STMicroelectronics STD20NF06T4 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STD20NF06
Electrical characteristics
7/13
Figure 7.
Gate charge vs. gate-source voltage Figure 8.
Capacitance variations
Figure 9.
Normalized gate threshold voltage
vs. temperature
Figure 10. Normalized on resistance vs.
temperature
Figure 11. Source-drain diode forward
characteristics
Figure 12. Normalized breakdown voltage vs.
temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13