| データシートサーチシステム |
|
INA156EA/2K5G4 データシート(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA156EA/2K5G4 データシート(HTML) 2 Page - Texas Instruments |
|
2 / 15 page ![]() 2 ® INA156 SPECIFICATIONS: VS = +2.7V to +5.5V Boldface limits apply over the specified temperature range, TA = –55°C to +125°C At TA = +25°C, RL = 10kΩ connected to VS/2. RG pins open (G = 10), and Ref = VS /2, unless otherwise noted. INA156E, A PARAMETER CONDITION MIN TYP MAX UNITS INPUT Offset Voltage, RTI VOS VS = +5.0V, VCM = VS/2 ±2.5 ±8mV Over Temperature ±9 mV Drift dVOS/dT ±5 µV/°C vs Power Supply PSRR VS = +2.7V to +6V, VCM = 0.2 • VS ±50 ±200 µV/V Over Temperature ±250 µV/V vs Time ±0.4 µV/mo INPUT VOLTAGE RANGE Safe Input Voltage (V–) – 0.5 (V+) + 0.5 V Common-Mode Range(1) VCM VS = 5.5V 0.3 5.2(2) V VS = 2.7V 0.2 2.5(2) V Common-Mode Rejection Ratio CMRR VS = 5.5V, 0.6V < VCM < 3.7V, G = 10 66 78 dB Over Temperature 65 dB VS = 5.5V, 0.6V < VCM < 3.7V, G = 50 74 87 dB Over Temperature 73 dB INPUT IMPEDANCE Differential 1013 || 3 Ω || pF Common-Mode 1013 || 3 Ω || pF INPUT BIAS CURRENT Input Bias Current IB ±1 ±10 pA Offset Current IOS ±1 ±10 pA NOISE, RTI RS = 0Ω, G = 10 or 50 Voltage Noise: f = 0.1Hz to 10Hz 4.5 µV/Vp-p Voltage Noise Density: f = 10Hz 260 nV/ √Hz f = 100Hz 99 nV/ √Hz f = 1kHz 40 nV/ √Hz Current Noise: f = 1kHz 2 fA/ √Hz GAIN 10 50 V/V Gain Equation G = 10 + 400k Ω/(10kΩ + R G) V/V Gain Error(3) VS = 5.5V, VO = 0.02V to 5.48V, G = 10 ±0.08 ±0.4 % vs Temperature ±2 ±10 ppm/ °C VS = 5.5V, VO = 0.05V to 5.45V, G = 50 ±0.1 ±0.8 % vs Temperature ±15 ±30 ppm/ °C Nonlinearity VS = 5.5V, G = 10 or 50 ±0.005 ±0.015 % of FSR Over Temperature ±0.015 % of FSR OUTPUT Voltage Output Swing from Rail G = 10, RL = 10kΩ, GERR < 0.4% 5 20 mV Over Temperature 20 mV Short-Circuit Current Short-Circuit to Ground ±50 mA Capacitance Load (stable operation) See Typical Curve FREQUENCY RESPONSE Bandwidth, –3dB BW G = 10 550 kHz G = 50 110 kHz Slew Rate SR VS = 5.5V, CL = 100pF 6.5 V/ µs Settling Time: 0.1% tS VS = 5.5V, VO = 2V Step, CL = 100pF, G = 10 5 µs VS = 5.5V, VO = 2V Step, CL = 100pF, G = 50 11 µs 0.01% VS = 5.5V, VO = 2V Step, CL = 100pF, G = 10 8 µs VS = 5.5V, VO = 2V Step, CL = 100pF, G = 50 15 µs Overload Recovery 50% Input Overload 0.2 µs Total Harmonic Distortion + Noise THD+N See Typical Curve POWER SUPPLY Specified Voltage Range +2.7 +5.5 V Operating Voltage Range +2.5 to +6 V Quiescent Current VIN = 0, IO = 0 1.8 2.5 mA Over Temperature VIN = 0, IO = 0 3.2 mA TEMPERATURE RANGE Specified Range –55 +125 °C Operating Range –65 +150 °C Storage Range –65 +150 °C Thermal Resistance θ JA MSOP-8 Surface Mount 150 °C/W SO-8 Surface Mount 150 °C/W NOTES: (1) For further information, refer to typical performance curves on common-mode input range. (2) Operation beyond (V+) – 1.8V (max) results in reduced common-mode rejection. See discussion and Figure 6 in the text of this data sheet. (3) Does not include error and TCR of additional optional gain-setting resistor in series with RG, if used. |