| データシートサーチシステム |
|
INA166UA/2K5 データシート(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
INA166UA/2K5 データシート(HTML) 2 Page - Texas Instruments |
|
2 / 11 page ![]() INA166 2 SBOS178 INA166UA PARAMETER CONDITIONS MIN TYP MAX UNITS GAIN Gain Error ±0.3 ±1% Gain Temp Drift Coefficient ±10 ppm/ °C Nonlinearity ±0.005 % of FS INPUT REFERRED NOISE Voltage Noise RSOURCE = 0Ω fO = 1kHz 1.3 nV/ √Hz fO = 100Hz 1.6 nV/ √Hz fO = 10Hz 2 nV/ √Hz Current Noise fO = 1kHz 0.8 pA/ √Hz INPUT OFFSET VOLTAGE Input Offset Voltage VCM = VOUT = 0V ±50 ±250 µV vs Temperature TA = TMIN to TMAX ±2.5 µV/°C vs Power Supply VS = ±4.5V to ±18V ±1 ±3 µV/V INPUT VOLTAGE RANGE Common-Mode Voltage Range VIN + – V IN – = 0V (V+) – 4 (V+) – 3V VIN + – V IN – = 0V (V–) + 4 (V–) + 3 V Common-Mode Rejection VCM = ±1V, RSRC = 0Ω 100 120 dB INPUT BIAS CURRENT Initial Bias Current 2.5 12 µA vs Temperature 15 nA/ °C Initial Offset Current 0.1 1 µA vs Temperature 0.5 nA/ °C INPUT IMPEDANCE Differential 60 2MΩ pF Common-Mode 60 2MΩ pF DYNAMIC RESPONSE Bandwidth, Small Signal, –3dB 450 kHz Slew Rate 15 V/ µs THD+Noise, f = 1kHz 0.09 % Settling Time, 0.1% 5V Step 2.5 µs 0.01% 5V Step 3.5 µs Overload Recovery 50% Overdrive 1 µs OUTPUT Voltage RL = 2kΩ to Ground (V+) – 2 (V+) – 1.8 V (V–) + 2 (V–) + 1.8 V Load Capacitance Stability 1000 pF Short-Circuit Current Continuous-to-Common ±60 mA POWER SUPPLY Rated Voltage ±5V Voltage Range ±4.5 ±18 V Current, Quiescent IO = 0mA ±10 ±12 mA TEMPERATURE RANGE Specification –40 +85 °C Operating –40 +125 °C Thermal Resistance, θ JA 100 °C/W SPECIFICATIONS: VS = ±5V TA = +25°C and at rated supplies, VS = ±5V, RL = 2kΩ connected to ground, G = 2000, unless otherwise noted. |