| データシートサーチシステム |
|
LM88 データシート(PDF) 8 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM88 データシート(HTML) 8 Page - National Semiconductor (TI) |
|
8 / 9 page ![]() 2.0 Application Hints (Continued) 8. The ideal place to connect the LM88’s GND pin is as close as possible to the processor GND associated with the sense diode. 9. Leakage current between D+ and GND should be kept to a minimum. One nano-ampere of leakage can cause as much as 1˚C of error in the diode temperature read- ing. Keeping the printed circuit board as clean as pos- sible will minimize leakage current. 3.0 Applications Circuits 10132633 FIGURE 4. Ideal Diode Trace Layout 10132614 FIGURE 5. Pentium processor Thermal Management with Fan Control 10132603 FIGURE 6. Card Bus Thermal Management www.national.com 8 |