| データシートサーチシステム |
|
ATS605LSG データシート(PDF) 16 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS605LSG データシート(HTML) 16 Page - Allegro MicroSystems |
|
16 / 17 page ![]() Dual Output Differential Speed and Direction Sensor IC ATS605LSG 16 Allegro MicroSystems, LLC 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com Package SG, 4-Pin SIP 0.71 ±0.05 5.50 ±0.05 4.70 ±0.10 0.60 ±0.10 0.40 ±0.10 24.65 ±0.10 15.30 ±0.10 1.0 REF 0.71 ±0.10 0.71 ±0.10 1.60 ±0.10 1.27 ±0.10 5.50 ±0.10 8.00 ±0.05 5.80 ±0.05 1.70 ±0.10 24 3 1 A A A B B C C D D E E F F F F F F 1.75 1.75 For Reference Only, not for tooling use (reference DWG-9200) Dimensions in millimeters Dambar removal protrusion (16X) Metallic protrusion, electrically connected to pin 4 and substrate (both sides) Thermoplastic Molded Lead Bar for alignment during shipment Active Area Depth, 0.43 mm Hall elements (E1, E2, E3), not to scale = Supplier emblem = Lot identifier = Last three numbers of device part number = Last two digits of year of manufacture = Week of manufacture L N Y W Standard Branding Reference View LLLLLLL NNN YYWW Branded Face E1 E2 E3 Branding scale and appearance at supplier discretion 0.38 +0.06 –0.04 |