データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN0402002DBVR データシート(PDF) 27 Page - Texas Instruments

部品番号 SN0402002DBVR
部品情報  Ultralow Supply-Current Voltage Monitor With Optional Watchdog
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN0402002DBVR データシート(HTML) 27 Page - Texas Instruments

Back Button SN0402002DBVR Datasheet HTML 23Page - Texas Instruments SN0402002DBVR Datasheet HTML 24Page - Texas Instruments SN0402002DBVR Datasheet HTML 25Page - Texas Instruments SN0402002DBVR Datasheet HTML 26Page - Texas Instruments SN0402002DBVR Datasheet HTML 27Page - Texas Instruments SN0402002DBVR Datasheet HTML 28Page - Texas Instruments SN0402002DBVR Datasheet HTML 29Page - Texas Instruments SN0402002DBVR Datasheet HTML 30Page - Texas Instruments SN0402002DBVR Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPS3110E09DBVR
SOT-23
DBV
6
3000
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
TPS3110E12DBVR
SOT-23
DBV
6
3000
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
TPS3110E12DBVT
SOT-23
DBV
6
250
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
TPS3110E15DBVR
SOT-23
DBV
6
3000
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
TPS3110E15DBVT
SOT-23
DBV
6
250
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
TPS3110K33DBVR
SOT-23
DBV
6
3000
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
TPS3110K33DBVT
SOT-23
DBV
6
250
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TPS3103E12DBVR
SOT-23
DBV
6
3000
203.0
203.0
35.0
TPS3103E12DBVR
SOT-23
DBV
6
3000
180.0
180.0
18.0
TPS3103E12DBVT
SOT-23
DBV
6
250
180.0
180.0
18.0
TPS3103E12DBVT
SOT-23
DBV
6
250
203.0
203.0
35.0
TPS3103E15DBVR
SOT-23
DBV
6
3000
203.0
203.0
35.0
TPS3103E15DBVT
SOT-23
DBV
6
250
203.0
203.0
35.0
TPS3103H20DBVR
SOT-23
DBV
6
3000
180.0
180.0
18.0
TPS3103H20DBVR
SOT-23
DBV
6
3000
203.0
203.0
35.0
TPS3103H20DBVT
SOT-23
DBV
6
250
203.0
203.0
35.0
TPS3103H20DBVT
SOT-23
DBV
6
250
180.0
180.0
18.0
PACKAGE MATERIALS INFORMATION
www.ti.com
16-Sep-2014
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31