| データシートサーチシステム |
|
PCF8833U/2DA データシート(PDF) 68 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8833U/2DA データシート(HTML) 68 Page - NXP Semiconductors |
|
68 / 112 page ![]() 2003 Feb 14 68 Philips Semiconductors Objective specification STN RGB - 132 × 132 × 3 driver PCF8833 When sending commands to the PCF8833 the D/C line must be pulled HIGH when the command data is transferred (see Fig.38). The same is valid when RAM data is sent to the PCF8833 (see Fig.39). The PCF8833 can send data back to the microcontroller in 2 different ways. The protocol for the RDID1, RDID2, RDID3 and RDTEMP commands is illustrated in Fig.40. Descriptions of these commands is given in Chapter 6. When reading out RDTEMP it is recommended to read this data several times to validate the readout number. When using the RDDIDIF (see Section 6.2.6) or RDDST (see Section 6.2.7) commands the PCF8833 sends 24 or 32 data bits respectively back to the microcontroller. The protocol for the RDDIDIF and RDDST commands is illustrated in Fig.41. The parallel interface timing diagram is illustrated in Fig.52. For the dummy read cycle the time tACC is referenced to the rising edge of the RD signal. handbook, full pagewidth MGU954 CS WR D7 to D0 D/C S P TB TB TB TB TB TB command command data command command command command Fig.38 Parallel bus protocol, write to register (PS[2:0] = XX1). handbook, full pagewidth MGU955 CS WR D7 to D0 (input) D/C S P command RAM data RAM data RAM data RAM data command RAM data RAM data RAM data RAM data RAM data RAM data Fig.39 Parallel bus protocol, write to display RAM (PS[2:0] = XX1). |