| データシートサーチシステム |
|
BD7902CFS データシート(PDF) 1 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BD7902CFS データシート(HTML) 1 Page - Rohm |
|
1 / 18 page ![]() BD7902CFS Optical disc ICs 1/17 6CH Power Driver for CD-ROM, DVD-ROM BD7902CFS BD7902CFS is a 6-channel driver IC that integrates all drivers necessary for CD-ROM, and DVD-ROM systems into a single chip. The built-in 2-channel sled motor driver is used for the stepping motor. Low heat operation can be achieved by applying the PWM driving system for sled and spindle motor drivers. ! ! ! ! Applications CD-ROM, DVD-ROM ! ! ! ! Features 1) 3channel BTL driver, 2channel PWM driver and 3phase motor driver. - ALL of the motor and actuator for CD-ROM, DVD-ROM etc. 2) These mode is able to be selected by the two control terminals. - ON/OFF of loading, and other 5channels, brake mode select of spindle driver and standby mode. 3) Built-in triangular-wave generator. 4) Package SSOP-A54 has large power dissipation. 5) Built in thermal-shut-down circuit. 〈 Spindle driver 〉 • Efficient drive by current feedback PWM drive. • Built in current limit, hall bias, short brake, FG output and reverse protection circuit. • Low ON-Resistor. (RON=0.95Ω) 〈 Sled motor driver 〉 • Efficient drive by current feedback PWM drive. • Built in 2channel for stepping motor. 〈 Actuator driver, Loading driver 〉 • Linear BTL drive system. |
同様の部品番号 - BD7902CFS |
|
同様の説明 - BD7902CFS |