| データシートサーチシステム |
|
CD54HC4351 データシート(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CD54HC4351 データシート(HTML) 3 Page - Texas Instruments |
|
3 / 20 page ![]() 3 Functional Diagram CD74HC4352 TG 4 A COMMON OUT/IN 16 18 19 15 A3 A2 A1 A0 BINARY TO 1 OF 4 DECODER WITH ENABLE 13 12 8 E2 S1 S0 10 9 GND VEE 20 VCC A CHANNELS IN/OUT TG LATCHES 7 E1 11 LE LOGIC LEVEL CONVERSION S0 S0 S1 S1 17 B COMMON OUT/IN TG TG TG TG TG TG 1 6 2 5 B3 B2 B1 B0 B CHANNELS IN/OUT TRUTH TABLE CD74HC4352 INPUT STATES (NOTE 2) “ON” SWITCHES LE = H E1 E2 S1 S0 LHL L A0, B0 LHLH A1, B1 LH HL A2, B2 L HHH A3, B3 H L X X None H = High Voltage Level, L = Low Voltage Level, X = Don’t Care NOTE: 2. When Latch Enable is “Low” channel-select data is latched and switches cannot change state. FIGURE 2. DETAIL OF ONE CD74HC4352 SWITCH An (Bn) IN/OUT P P N N N N VCC VCC VEE FROM SELECT LOGIC CD54HC4351, CD74HC4351, CD74HCT4351, CD74HC4352 |