| データシートサーチシステム |
|
SF67G データシート(PDF) 5 Page - Formosa MS |
|
|
|||||||||||||||||||||||||||||
SF67G データシート(HTML) 5 Page - Formosa MS |
|
5 / 6 page ![]() Page 5 BULK PACKING DO-201AD 500 305 * 73 * 40 347 * 320 * 271 12,000 16.4 Formosa MS DEVICE CASE TYPE Q'TY 1 (PCS / BOX) INNER BOX SIZE CARTON SIZE Q'TY 2 (PCS / CARTON) APPROX. CROSS WEIGHT(kg) (m/m) (m/m) http://www.formosams.com/ TEL:886-2-22696661 FAX:886-2-22696141 SF61G THRU SF68G Document ID Issued Date Revised Date Revision Page. Suggested thermal profiles for soldering processes 1.Lead free temperature profile wave-soldering 0 20 40 60 80 100 120 140 160 180 200 220 240 Time(Sec) 0 20 40 60 80 100 120 140 160 180 200 220 240 260 280 Preheat Max gradient 2ºC/s Peak Max well time 5 Max Cool Down Max gradient-4ºC/s Suggested gradient 2ºC/s or less - Peak soldering temperature not to exceed 260ºC DS-222423 2009/02/10 2010/05/10 C 6 Axial Leaded Super Fast Rectifiers |