| データシートサーチシステム |
|
ICS840004 データシート(PDF) 13 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS840004 データシート(HTML) 13 Page - Integrated Circuit Systems |
|
13 / 13 page ![]() Integrated Circuit Systems, Inc. 840004AG www.icst.com/products/hiperclocks.html REV. A SEPTEMBER 16, 2004 13 ICS840004 FEMTOCLOCKS™CRYSTAL-TO- LVCMOS/LVTTL FREQUENCY SYNTHESIZER PRELIMINARY TABLE 8. ORDERING INFORMATION While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use or for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial and industrial applications. Any other applications such as those requiring high reliability or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. The aforementioned trademarks, HiPerClockS™ and FEMTOCLOCKS™ are a trademark of Integrated Circuit Systems, Inc. or its subsidiaries in the United States and/or other countries. r e b m u N r e d r O / t r a Pg n i k r a Me g a k c a Pt n u o Ce r u t a r e p m e T G A 4 0 0 0 4 8 S C IG A 4 0 0 0 4 8 S C IP O S S T d a e L 0 2e b u t r e p 2 7C ° 0 7 o t C ° 0 T G A 4 0 0 0 4 8 S C IG A 4 0 0 0 4 8 S C Il e e R d n a e p a T n o P O S S T d a e L 0 20 0 5 2C ° 0 7 o t C ° 0 |