データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AP3983R データシート(PDF) 5 Page - Diodes Incorporated

部品番号 AP3983R
部品情報  PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3983R データシート(HTML) 5 Page - Diodes Incorporated

  AP3983R Datasheet HTML 1Page - Diodes Incorporated AP3983R Datasheet HTML 2Page - Diodes Incorporated AP3983R Datasheet HTML 3Page - Diodes Incorporated AP3983R Datasheet HTML 4Page - Diodes Incorporated AP3983R Datasheet HTML 5Page - Diodes Incorporated AP3983R Datasheet HTML 6Page - Diodes Incorporated AP3983R Datasheet HTML 7Page - Diodes Incorporated AP3983R Datasheet HTML 8Page - Diodes Incorporated AP3983R Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AP3983R
Document number: DS38247 Rev. 3 - 2
5 of 15
www.diodes.com
June 2016
© Diodes Incorporated
AP3983R
Electrical Characteristics (continued) (@VCC =15V, TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
FREQUENCY JITTER
ΔVCS/VCS
VCS Modulation
6.5% to 100% IO(MAX)
4.5
5
5.5
%
fMOD
VCS Modulation Frequency
3.6
4
4.4
kHz
CURRENT SENSE SECTION
VCS_H
Peak Current Sense Threshold
Voltage
37% to 100% IO(MAX)
828
900
972
mV
VCS_L
0% to 37% IO(MAX)
460
500
540
mV
RLINE
Built-in Line Compensation Resistor
(Note 7)
245
260
275
tLEB
Leading Edge Blanking
(Note 6)
400
500
600
ns
CONSTANT VOLTAGE SECTION
VFB
Feedback Threshold Voltage
Closed loop test of VOUT
3.95
4.01
4.07
V
RFB
FB Pin Input Resistance
VFB = 4V
560
700
840
k
VCABLE/VOUT
Cable Compensation Ratio
VFB @FULLLOAD-VFB)/VFB
7
8
9
%
CONSTANT CURRENT SECTION
tONS/tSW
Secondary Winding Conduction
Duty
VFB = 4V
0.47
0.5
0.53
VALLEY-ON SECTION
tVAL-ON
Valid Off Time of Valley-on
From the end of tONS
14.4
16
17.6
μs
DYNAMIC SECTION
VTRIGGER
Trigger Voltage for Dynamic
Function
74
83
92
mV
tDELAY
Delay Time for Dynamic Function
From the end of tONS
115
128
141
μs
VUV_H
Undervoltage of FB Pin for VCS_H
3.82
3.89
3.96
V
POWER MOSFET SECTION
BVDSS
Drain-Source Breakdown Voltage
700
V
RDS(ON)
On State Resistor
1.4
PROTECTION FUNCTION SECTION
VFB(OVP)
Overvoltage Protection at FB Pin
7.1
7.5
7.9
V
VCC(OVP)
Overvoltage Protection at VCC Pin
28
30
32
V
tONP(MAX)
Maximum Turn-on Time
13
19
25
μs
VFB(SCP)
Short Circuit Protection
VFB @ Hiccup
2.45
2.6
2.75
V
tSCP
Maximum Time Under VFB(SCP)
115
128
141
ms
TOTP
Shutdown Temperature
+144
+160
+176
°C
THYS
Temperature Hysteresis
+36
+40
+44
°C
Notes:
5. The output constant-current design value, generally set to 110% to 120% of full load.
6. Guaranteed by design.
7. Line compensation voltage on CS reference:
.
AUX
LINE
FB
LINE
REF
CS
V
R
R
R
V
1
_
438
.
0
Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com