| データシートサーチシステム |
|
MSP4458G データシート(PDF) 7 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MSP4458G データシート(HTML) 7 Page - Micronas |
|
7 / 85 page ![]() PRELIMINARY DATA SHEET MSP 44x8G Micronas 7 1.3. MSP 44x8G Versions and their Application Fields Table 1–1 provides an overview of TV sound standards that can be processed by the MSP 44x8G family. In addition, the MSP 44x8G is able to handle the terres- trial FM-Radio standard. With the MSP 44x8G, a com- plete multimedia receiver covering all TV sound stan- dards together with terrestrial and satellite radio sound can be built; even ASTRA Digital Radio can be pro- cessed (with a DRP 3510A coprocessor). Fig. 1–2: Typical MSP 44x8G application Table 1–1: TV Stereo Sound Standards covered by the MSP 44x8G Family (details see Appendix A) MSP Version System Position of Sound Carrier / MHz Sound Modulation Color System Broadcast e.g. in: B/G 5.5/5.7421875 FM-Stereo (A2) PAL Germany 5.5/5.85 FM-Mono/NICAM PAL Scandinavia, Spain L 6.5/5.85 AM-Mono/NICAM SECAM-L France I 6.0/6.552 FM-Mono/NICAM PAL UK, Hong Kong D/K 6.5/5.85 FM-Mono/NICAM PAL China, Hungary 6.5/6.2578125 FM-Stereo (A2, D/K1) SECAM-East Slovak. Rep. 6.5/6.7421875 FM-Stereo (A2, D/K2) PAL currently no broadcast 6.5/5.7421875 FM-Stereo (A2, D/K3) SECAM-East Poland Satellite 6.5 7.02/7.2 7.38/7.56 etc. FM-Mono FM-Stereo ASTRA Digital Radio (ADR) with DRP 3510A PAL Europe Sat. ASTRA M 4.5/4.724212 FM-Stereo (A2) NTSC Korea 4.5 FM-FM (EIA-J) NTSC Japan 4.5 BTSC-Stereo + SAP NTSC USA FM-Radio 10.7 FM-Stereo Radio USA, Europe SCART Outputs 33 34 39 MHz 4.5 9 MHz Main 2 2 SCART2 SCART1 MSP 44x8G I2S2 I2S1 2 2 2 2 SCART1 SCART2 SCART3 SCART4 1 Mono SAW Filter Tuner SCART Inputs I2S3 ADR COMPOSITE Video Channel Aux Channel/ FM-Modulator Aux Channel ADR Decoder Digital Signal Dolby- Digital/ MPEG Vision Demodu- lator Sound IF Mixer |